Part Number Hot Search : 
MP9943 37324 27291SL H040C D2010 R1600 FSH10A09 31030
Product Description
Full Text Search
 

To Download WT0603ML300A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
Transient Multilayer Ceramic Transient This product is not recommended Voltage Suppressor for new designs. Please refer to Standard Capacity
Littelfuse series MLA.
TVS 0603 SMD
Specifications
Packaging Material
Tape and Reel T 7 inch reel (4.000 pcs.) Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/Tin end termination
Temperature Operating Temperature
-55 to +125C
Solderability
Applications
Dimensions (mm)
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) <0.5ns
0.35-0.15
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD`s * Sensors
Soldering Heat Resistance Time Response Time
W ebLinks
1.60-0.15 0.90 0.80-0.15
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file:
www.wickmanngroup.com/download/ techvaristor.pdf
( Temperature coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Power dissipation
0.05W max.
Standards
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM(DC) VM(AC) (V) (V)
WT0603ML050L WT0603ML030A WT0603ML050A WT0603ML090A WT0603ML120A WT0603ML140A WT0603ML180A WT0603ML220A WT0603ML260A WT0603ML300A 5,5 3,3 5,5 9,0 12,0 14,0 18,0 22,0 26,0 30,0 4,0 2,5 4,0 6,0 9,0 11,0 14,0 17,0 20,0 25,0
Specifications (25C)
typ. capacitance 1KHz C typ. (pF)
420 1260 750 340 415 280 250 310 140 120
max. non-repetitive surge current (8/20 s) ITM (A)
20 30 30 30 30 30 30 30 30 30
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) (10/1000 s) current test current (8/20 s) W TM Vc VN(DC)min. V N(DC)max. (J) (V@A) (V) (V)
0,05 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 15,5 @ 10,0 @ 15,5 @ 23,0 @ 27,0 @ 30,0 @ 40,0 @ 44,0 @ 58,0 @ 65,0 @ 1 2 2 2 2 2 2 2 2 2 7,1 3,8 7,1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 9,8 7,0 9,8 14,5 18,5 21,0 28,0 30,0 38,0 43,0
typ. inductance
1MHz C typ. (pF)
360 1080 640 300 340 240 220 270 130 110
Ltyp. (nH)
1,0 1,0 1,0 1,0 1,0 1,0 1,0 1,0 1,0 1,0
Order Information
050915
Qty.
OrderNumber
Type Type WT0603ML140 A
Terminal Terminal Code Packaging
P T
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
V ARISTORS
TVS 0603 SMD
WT0603ML300A WT0603ML260A WT0603ML220A WT0603ML180A WT0603ML140A WT0603ML120A WT0603ML090A WT0603ML050L WT0603ML050A WT0603ML030A
30,0 26,0 22,0 18,0 14,0 12,0 9,0 5,5 5,5 3,3
30,0 26,0 22,0 18,0 14,0 12,0 9,0 5,5 5,5
3,3
V/I Characteristics
Maximum Surge Current: WT0603ML050L
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
VARISTORS
TVS 0603 SMD
Maximum Surge Current: WT0603ML030A - WT0603ML300A
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of WT0603ML300A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X